Part Number Hot Search : 
285D07 D1450 6KE10A J170A TS612 MIC52 C74LVX M38511F5
Product Description
Full Text Search
 

To Download 900166Y071AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 900 SERIES CARTRIDGE TYPE LED Lamps
Overview The 900 Series LED cartridge lamp mates with 910 Series lampholders. Constructed with an aluminum case, 900 Series LED lamps are noted for high resistance to shock and vibration, long life, and low power requirements. These may be ordered with multiple lens styles and lens colors. Approvals UL Recognized and CSA Certified. Specifications Sleeve: Aluminum. Black anodized finish standard; clear anodized finish optional. Termination: .040" diameter stainless steel pins mounted in a nylon header. The anode is identified on the header as the + pin connection. LED DC Voltage options: 1.8 to 28 volts. Lens: Heat resistant, high strength polycarbonate. Lens Marking: Cylindrical lenses may be stamped. Contact factory.
.265 .015 1.140 MAX.
.015
.203
.265 .015
1.140 MAX.
.015
.203
TYPE 03 SHORT CYLINDRICAL LENS TYPE 07 SHORT CYLINDRICAL FLUTED LENS
.330 .010
TYPE 06 SHORT STOVEPIPE FRESNEL LENS
.284 .005 .020 .005 ANODE .160 .002
ORDERING INFORMATION: EXAMPLE: 900 1 60 J 06 1 RN
Red LED
Built-in 330 OHM Resistor
Short Stovepipe Lens
Black Anodized Finish
Red NonDiffusing Lens
Series Number
Termination
Lamp Code
Code
Resistor
Current Nominal 10 mA Volts
Lens Type
Sleeve Finish
Lens Color
Nondiffusing (Clear)
900
1 Stainless steel pins standard A
60 (Red LED) 66 (Green LED)
03 Short Cylindrical 1.8 3.6 5 6 10 12 14 28 3.6 5 6 10 14 28 062 Short Stovepipe Fresnel 072 Short Cylindrical Fluted
Tin-plated 68 stainless steel (Yellow LED) pins for printed circuit board mounting
X U J W Y K G L V M P Z N H
NONE 200 OHM 330 OHM 430 OHM 820 OHM 1000 OHM 1200 OHM 2700 OHM
Nominal 20 mA
CN Colorless (60,66,68)3 WN White (60,66,68)3 AN Amber (68)3 2 GN Green (66)3 RN Red (60)3 Clear (Silver) YN Yellow (68)3 Anodized Black Anodizedstandard
1
100 OHM 180 OHM 220 OHM 390 OHM 620 OHM 1300 OHM
2 3
Recommended for best light distribution. Lamp Code Number. When specifying lens color, use only with lamp codes shown.
Lighting Components & Design, Inc.(R)
*
692 S. Military Trail, Deerfield Bch., FL 33442
*
TEL: (954)-425-0123
FAX: (954)-425-0110
Littelites
LL-3
900 SERIES CARTRIDGE TYPE Incandescent Lamps
Overview The 900 Series incandescent cartridge lamp mates with 910 Series lampholders. Constructed with an aluminum case, 900 Series incandescent lamps are noted for high brightness. These may be ordered with multiple lens styles and lens colors. Approvals UL Recognized and CSA Certified. Specifications Sleeve: Aluminum. Clear anodized finish standard; black anodized finish optional. Termination: .040" diameter stainless steel pins mounted in a nylon header. Incandescent AC or DC Voltage options: 1.35 to 28 volts. Lens: Heat resistant, high strength polycarbonate. Translucent lens colors are normally used for incandescent cartridge lamps as they give an evenly diffused light over the lens surface. When Type 08 (short cylindrical) lens is used in the 910 Series holder with a screw-on lens cap, specify "colorless nondiffusing" for 08 lens color. Lens Marking: Cylindrical lenses may be stamped. Contact factory.
.453 .015
1.328 MAX. .203 .015
1.140 MAX. .265 .015 .203 .015
.968 MAX. .093 .203 .015 .015
TYPE 04 LONG CYLINDRICAL LENS
TYPE 08 SHORT CYLINDRICAL LENS TYPE 07 SHORT CYLINDRICAL FLUTED LENS
.265 .015 1.140 MAX. .203 .015
TYPE 02 FLAT LENS
.330 .010
.453 .015
1.328 MAX. .203 .015
.005
.284
.020 .005
TYPE 01 LONG STOVEPIPE LENS
TYPE 06 SHORT STOVEPIPE LENS
.160 .002
ORDERING INFORMATION:
EXAMPLE:
900
1 06 X
08 2 CN
Colorless Nondiffusing Lens
2.7V Lamp
Short Cylindrical Lens
Clear Anodized Finish
Series Number 900
Termination
Code Volts 1.35 2.7 3.0 5.0 6.0 6.0 6.0 6.3 6.3 6.3 10.0 10.0 12.0 14.0 14.0 14.0 18.0 18.0 28.0 28.0 28.0 052 062 072 17 10 16 11 01 12 02 082 092 18 13 03 202 212 14 15 19 04
Lamp
MA 60 60 15 60 40 60 200 40 200 200 14 40 40 80 80 17 20 40 40 40 40 MSCP .01 .04 .003 .03 .04 .13 .60 .03 .55 .40 .006 .08 .10 .50 .30 .03 .08 .15 .34 .15 .30 Life (Hrs) 3,000 6,000 10,000 30,000 10,000 3,000 1,000 20,000 5,000 20,000 50,000 5,000 10,000 1,500 15,000 25,000 15,000 10,000 4,000 10,000 7,000
Resistor
Lens Type
Sleeve Finish
Lens Color
Nondiffusing (Clear)
1 Stainless steel pins standard A Tin-plated stainless steel pins for printed circuit board mounting
X (NONE)
01 3 02 4 04 06 5 07 5 08 4
Long Stovepipe Flat Long Cylindrical Short Stovepipe Fresnel Short Cylindrical Fluted Short Cylindrical
AN Amber BN Blue CN Colorless GN Green RN Red WN White 2 (Cloudy) YN Yellow Clear (Silver) Translucent Anodized standard AT Amber BT Blue GT Green RT Red WT White YT Yellow Black Anodized
1
1 2
3 4 5
MSCP - Mean Spherical Candle Power. Because of relatively low light output, these lamps should be used with non-diffusing (clear) lens colors only. Lamp ratings are compiled from a leading lamp manufacturer's catalog. Best suited for wide angle viewing. For High Temperature application, contact factory. Nondiffusing lens colors only. Types 06 and 07 are recommended for best light distribution.
Lighting Components & Design, Inc.(R)
*
692 S. Military Trail, Deerfield Bch., FL 33442
*
TEL: (954)-425-0123
FAX: (954)-425-0110
Littelites
LL-4
900/901 SERIES CARTRIDGE TYPE Neon Lamps
Overview The 900 Series neon cartridge lamp mates with 910 Series lampholders. Constructed with an aluminum case, the 900/ 901 series neon lamps are ideally suited for 125 volt applications. The 901 series cartridge lamps are 0.125" longer than the 900 series to accept blue or green neon lamps and mate with the 911 series lampholders. Please consult the table below. Approvals UL Recognized and CSA Certified. Specifications Sleeve: Aluminum. Clear anodized finish standard. Black anodized finish optional. Termination: .040" dia. stainless steel pins mounted in nylon header. Voltage options: Std. Brightness, 105 to 125 AC or DC volts. High Brightness, 110 to 125 AC volts. Green Neon, 115 to 125 AC or DC volts. Blue Neon, 105 to 125 AC volts or 105 to 150 DC volts. Lens: Heat resistant, high strength polycarbonate. When type 03 (short cylindrical) lens is used in a 910 or 911 Series holder with a screw-on lens cap, specify "colorless nondiffusing" for 03 lens color. Lens Marking: Cylindrical lenses may be stamped. Contact factory.
Lens Type 01 03 04 07 Dimension A in Inches (Max.) 900 Series 901 Series 1.328 1.453 1.140 1.265 1.328 1.453 1.140 1.265
A A
.453 .015
.203 .015
.265 .015
.203 .015
TYPE 04 LONG CYLINDRICAL LENS
.330 .010
TYPE 03 SHORT CYLINDRICAL LENS TYPE 07 SHORT CYLINDRICAL FLUTED LENS
A
.203 .015 .284 .005 .020 .005
.453 .015
TYPE 01 LONG STOVEPIPE LENS
.160 .002
ORDERING INFORMATION:
EXAMPLE:
900
1 50 X
01 2 AN
Standard Brightness A9A Lamp
No Built-in Resistor
Long Stovepipe Lens
Clear Anodized Finish
Amber Nondiffusing Lens
Series Number 900
Termination 1 Stainless steel pins standard
Lamp Code
Code
Note: Reference Lamp Selection Guide.
Resistor
Internal Resistor Value
Lens Type 01 6 03 04 07 7 Long Stovepipe Short Cylindrical Long Cylindrical Short Cylindrical Fluted
Sleeve Finish 1 Black Anodized 2 Clear (Silver) Anodized Standard
Lens Color
Nondiffusing (Clear)
901
521 Standard Brightness A1B 531 High Brightness A1C 502 Standard Brightness A9A (NE2E) 512 High Brightness C2A (NE2H) 563 Green Neon 574 Blue Neon
A Tin-plated stainless steel pins for printed circuit board mounting
X5 C E T X5 A S C X5
No Built-In Resistor 56K OHM, 3K Life Hrs. 100K OHM, 15K Life Hrs. 150K OHM, 25K Life Hrs. No Built-In Resistor 22K OHM, 5K Life Hrs. 33K OHM, 25K Life Hrs. 56K OHM, 25K Life Hrs. No Built-In Resistor
AN Amber CN Colorless RN Red WN White YN Yellow BN8 Blue GN8 Green
X5 B B
No Built-In Resistor 30K OHM, 10K Life Hrs. 30K OHM, 10K Life Hrs.
Use with lens colors AN, CN, RN, WN, or YN. For use on 900 series only with type 01 and 04 lenses. 3 For use on 901 series only with lens colors GN, CN, or WN. 4 For use on 901 series with lens colors BN, CN, or WN. 5 External resistor required. 6 Best suited for wide angle viewing. 7 Recommended for best light distribution. 8 For 901 series only when used with blue or green lamp respectively.
1 2
Lighting Components & Design, Inc.(R)
*
692 S. Military Trail, Deerfield Bch., FL 33442
*
TEL: (954)-425-0123
FAX: (954)-425-0110
Littelites
LL-5


▲Up To Search▲   

 
Price & Availability of 900166Y071AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X